| データシートサーチシステム |
|
HSMJ-A101-R80J1 データシート(PDF) 10 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HSMJ-A101-R80J1 データシート(HTML) 10 Page - Agilent(Hewlett-Packard) |
|
10 / 14 page ![]() 9 Figure 8a. Recommended SnPb reflow soldering profile. 240°C MAX. 20 SEC. MAX. 3°C/SEC. MAX. 120 SEC. MAX. TIME 183°C 100-150°C –6°C/SEC. MAX. 60-150 SEC. 3°C/SEC. MAX. Figure 7. Radiation Pattern. 1.0 0 ANGULAR DISPLACEMENT – DEGREES 0.8 0.6 0.2 0.4 -70 -50 -30 0 20 305070 90 -90 -20 -80 -60 -40 -10 10 40 60 80 Figure 9. Recommended wave soldering profile. -0.3 -100 TEMPERATURE – °C 0.5 0.4 0.2 0.1 0 -0.2 150 50 -50 0 100 -0.1 0.3 GaP/AlGaAs/ AlInGaP InGaN/GaN Figure 6. Forward voltage shift vs. temperature. Figure 8b. Recommended Pb-free reflow soldering profile. LAMINAR WAVE BOTTOM SIDE OF PC BOARD HOT AIR KNIFE TURBULENT WAVE FLUXING PREHEAT 010 20 30 50 100 150 200 250 30 40 50 TIME – SECONDS 60 70 80 90 100 TOP SIDE OF PC BOARD CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN) PREHEAT SETTING = 150 °C (100°C PCB) SOLDER WAVE TEMPERATURE = 245 °C AIR KNIFE AIR TEMPERATURE = 390 °C AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.) AIR KNIFE ANGLE = 40 ° SOLDER: SN63; FLUX: RMA NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED BEFORE EXERTING MECHANICAL FORCE. Figure 10. Recommended soldering pad pattern. 2.60 4.50 1.50 ;; ;; ;;; ;; ;; SOLDER RESIST 217 °C 200 °C 60 - 120 SEC. 6 °C/SEC. MAX. 3 °C/SEC. MAX. (Acc. to J-STD-020C) 3 °C/SEC. MAX. 150 °C 255 - 260 °C 100 SEC. MAX. 10 to 30 SEC. TIME |