| データシートサーチシステム |
|
HSMJ-A101-R80J1 データシート(PDF) 12 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HSMJ-A101-R80J1 データシート(HTML) 12 Page - Agilent(Hewlett-Packard) |
|
12 / 14 page ![]() 11 Baking is required under the fol- lowing conditions: a) the humidity indicator turns pink b) the pack has been opened for more than four weeks. Baking recommended condition: 60 ± 5˚C for 20 hours. This product is qualified as Mois- ture Sensitive JEDEC Level 2A. Figure 13. Reel dimensions. 14.4 (MAX. MEASURED AT HUB) 7.9 (MIN.) 10.9 (MAX.) 62.5 2 +0.5 –0 Ø 20.5 ± 0.3 Ø 13 ± 0.2 +0 –2.5 8.4 (MEASURED AT OUTER EDGE) +1.50 –0.00 180 LABEL AREA (111 mm x 57 mm) WITH DEPRESSION (0.25 mm) Figure 14. Reeling orientation. CATHODE SIDE PRINTED LABEL USER FEED DIRECTION |