データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET503C10-Z データシート(PDF) 1 Page - Copal Electronics

部品番号 ET503C10-Z
部品情報  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET503C10-Z データシート(HTML) 1 Page - Copal Electronics

  ET503C10-Z Datasheet HTML 1Page - Copal Electronics ET503C10-Z Datasheet HTML 2Page - Copal Electronics ET503C10-Z Datasheet HTML 3Page - Copal Electronics ET503C10-Z Datasheet HTML 4Page - Copal Electronics ET503C10-Z Datasheet HTML 5Page - Copal Electronics ET503C10-Z Datasheet HTML 6Page - Copal Electronics ET503C10-Z Datasheet HTML 7Page - Copal Electronics ET503C10-Z Datasheet HTML 8Page - Copal Electronics ET503C10-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ET
RoHS Compliant
■ Introduction
The
ET series is Copal s standard size high capacity
toggle switch. The
ET series are available in various
current rating, switching functions, and terminals.
The housing is made of self-extinguishing phenol
resin which has excellent heat resistance, arc
resistance, and tracking resistance. The contacts are
designed to eliminate chattering and bouncing to
prevent insulation deterioration.
(ON)
and(OFF):Momentary.
ET Standard Size Toggle Switch
■Part Numbering
■Terminal Style and Dimentions
ET
225
Z
−
Series code Actuator shape No. of poles
Swiching function
Terminal styles
Current
1
1 pole
2
2 poles
3
3 poles
4
4 poles
6
6 poles
1 pole
3 poles
2 poles
4 poles
6 poles
Key way
Key way
A
K
ON
−−
−−
OFF
B
L
ON
−−
(OFF)
C
M
OFF
−−
(ON)
D
N
ON
−−ON
E
P
ON
OFF
ON
F
R
ON
−−
(ON)
G
S
(ON)
OFF
(ON)
H
T
ON
OFF
(ON)
AC125V AC250V
03
3A
05
5A
3A
06
6A
(2A)
10
10A
(7A)
Fig.
Fig.
Fig.
None
10
12
13
32
Terminal style
TAB # 250
Screw Terminal
Solder Terminal
Plate Connect SolderTerminal
Solder Terminal
K
12
AC125V AC250V
15
15A
10A
20
20A
12A
25
25A
15A
30
30A
(25A)
Fig.
No. of poles
Key way
TAB # 250
(Style:−)
Screw Terminal(Style:10)
Solder Terminal
Solder Terminal
(Style:12・13)
Style:12
Style:32
ET103□12
ET206□12
Type ET103□ 32 Type
M3.5 × 0.6
M4 × 0.7
M4.5 × 0.75
ET115・215 Type
Type
Type
ET120・220
ET125・225・230


同様の部品番号 - ET503C10-Z

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ET50-102 VISHAY-ET50-102 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET50-103 VISHAY-ET50-103 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET50-104 VISHAY-ET50-104 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET50-202 VISHAY-ET50-202 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
ET50-203 VISHAY-ET50-203 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
More results

同様の説明 - ET503C10-Z

メーカー部品番号データシート部品情報
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Coilcraft lnc.
8A1011-Z COILCRAFT-8A1011-Z Datasheet
459Kb / 2P
STANDARD TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
Copal Electronics
ET_SERIES COPAL-ET_SERIES Datasheet
2Mb / 14P
Standard Size Toggle Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com