データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET503C10-Z データシート(PDF) 4 Page - Copal Electronics

部品番号 ET503C10-Z
部品情報  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET503C10-Z データシート(HTML) 4 Page - Copal Electronics

  ET503C10-Z Datasheet HTML 1Page - Copal Electronics ET503C10-Z Datasheet HTML 2Page - Copal Electronics ET503C10-Z Datasheet HTML 3Page - Copal Electronics ET503C10-Z Datasheet HTML 4Page - Copal Electronics ET503C10-Z Datasheet HTML 5Page - Copal Electronics ET503C10-Z Datasheet HTML 6Page - Copal Electronics ET503C10-Z Datasheet HTML 7Page - Copal Electronics ET503C10-Z Datasheet HTML 8Page - Copal Electronics ET503C10-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M12×1
(1)
(
(2
2)
)
(3)
M12×1
(1)(4)
(3)(6)
M12×1
(1)(4)
(3)(6)
■Panel Cut-Out Dimensions
ET
Panel thickness : 5.5mm max.
With
Locking Ring
Without
Locking Ring
●Refer to P.429 for a list of accessories.
Note : Panel thickness should be 5.5 mm max. unless
otherwise specified.
L dimensions
Terminal
style
Part No.
Solder Terminal
ET105A12−Z
24.6±1
ET105D12−Z
24.6±1
ET105E12−Z
24.6±1
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET103A32
AC125V 3A
30mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
10,000
cycles
ET103V32
(Cut two-wire)
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET103A12
AC125V 3A
30mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
10,000
cycles
ET103V12
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET105A12
AC125V 5A
AC250V 3A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
ET105D12
ET105E12
Switching
function
Part No.
Key way
Key way
Key way
★ ET103A32−Z
ON
−
OFF
Connecting terminals
1−4
−−
★ ET103V32−Z
ON
−
ON
Connecting terminals
1−4
−
3−6
Switching
function
Part No.
Key way
Key way
Key way
  ET103A12−Z
ON
−
OFF
Connecting terminals
1−4
−−
★ ET103V12−Z
ON
−
ON
Connecting terminals
1−4
−
3−6
Switching
function
Part No.
Key way
Key way
Key way
☆ ET105A12−Z
ON
−
OFF
Connecting terminals
1−3
−−
☆ ET105D12−Z
ON
−
ON
☆ ET105E12−Z
ON
OFF
ON
Connecting terminals
2−3
−
2−1
ET103□32(1 pole)
ET103□12(1 pole)
ET105□12(1 pole)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal pins No.3 and No.6 are not available in switches with
Switching Function
A .
Terminal pins No.3 and No.6 are not available in switches with
Switching Function
A .
Terminal pin No.2 is not available in switches with Switching Function A .
★:Made to order products.
☆:Semi-standard products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com