データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65232 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPS65232
部品情報  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232 データシート(HTML) 9 Page - Texas Instruments

Back Button TPS65232_16 Datasheet HTML 5Page - Texas Instruments TPS65232_16 Datasheet HTML 6Page - Texas Instruments TPS65232_16 Datasheet HTML 7Page - Texas Instruments TPS65232_16 Datasheet HTML 8Page - Texas Instruments TPS65232_16 Datasheet HTML 9Page - Texas Instruments TPS65232_16 Datasheet HTML 10Page - Texas Instruments TPS65232_16 Datasheet HTML 11Page - Texas Instruments TPS65232_16 Datasheet HTML 12Page - Texas Instruments TPS65232_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPS65232
www.ti.com
SLVSA42 – FEBRUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12 V ±5%, VINB2, VINB3 = 5 V ±5%, TJ = 0°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
3000
mA
h
Efficiency
IO = 2 A, VOUT = 3.3V
95
%
Low-side MOSFET On resistance
32
RDS(ON)
VIN12V = 12 V
m
High-side MOSFET On resistance
36
ILIMIT
Switch current limit
5
A
Current limit accuracy
–30
30
%
Line regulation - DC
VINB = 4.75 V - 6.1 V,
VLINEREG
1
%
ΔVOUT/ΔVINB
IOUT = 1 A
Load regulation - DC
VLOADREG
IOUT = 10 – 90% IOUT,MAX
0.5
%/A
ΔVOUT/ΔIOUT
Feedback resistor tolerance
VOUTTOL
DC set tolerance
–2
2
%
not included
d
Duty cycle(2)
15
85
%
AMOD
Modulator gain
5
fSW
Switching frequency
1
MHz
COUT
Output capacitance
10(3)
47
mF
ESR
Capacitor ESR
50
m
Ω
L
Nominal inductance
2.2
mH
BUCK3
VOUT
Output voltage range(4)
0.9
3.3
V
VFB
Feedback voltage
–2%
0.804
2%
V
IOUT
Output current
3
A
h
Efficiency
IO = 2 A, VOUT = 1.2 V
86
%
Low-side MOSFET On resistance
32
RDS(ON)
VIN12V = 12 V
m
High-side MOSFET On resistance
36
ILIMIT
Switch current limit
5
A
Current limit accuracy
–30
30
%
Line regulation - DC
VINB = 4.75 V - 6.1 V,
VLINEREG
1
%
ΔVOUT/ΔVINB
IOUT = 1000 mA
Load regulation - DC
VLOADREG
IOUT = 10 – 90% IOUT,MAX
0.5
%/A
ΔVOUT/ΔIOUT
Feedback resistor tolerance
VOUTTOL
DC Set Tolerance
–2
2
%
not included
d
Duty cycle(5)
15
85
%
AMOD
Modulator gain
5
fSW
Switching frequency
1
MHz
COUT
Output capacitance
10
mF
ESR
Capacitor ESR
50
m
Ω
L
Nominal inductance
2.2
mH
(4)
Output voltage range is limited by the minimum and maximum duty cycle. VOUT(min) ~ d(min) x VINPUT and VOUT(max) ~ d(max) x
VINPUT.
(5)
Performance outside these limits is not guaranteed.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com