データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65232 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPS65232
部品情報  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232 データシート(HTML) 1 Page - Texas Instruments

  TPS65232_16 Datasheet HTML 1Page - Texas Instruments TPS65232_16 Datasheet HTML 2Page - Texas Instruments TPS65232_16 Datasheet HTML 3Page - Texas Instruments TPS65232_16 Datasheet HTML 4Page - Texas Instruments TPS65232_16 Datasheet HTML 5Page - Texas Instruments TPS65232_16 Datasheet HTML 6Page - Texas Instruments TPS65232_16 Datasheet HTML 7Page - Texas Instruments TPS65232_16 Datasheet HTML 8Page - Texas Instruments TPS65232_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPS65232
www.ti.com
SLVSA42 – FEBRUARY 2010
TRIPLE BUCK POWER MANAGEMENT IC
Check for Samples: TPS65232
1
FEATURES
Pull-Up Current Sources on Buck Enable Pins
for Accurate Start-Up Timing Control with
Wide Input Supply Voltage Range
Preset Default
(10.8 V - 22 V)
Over Current Protection on All Rails
One Adjustable PWM Buck Controller
Thermal Shutdown to Protect Device During
10.8-V - 22-V Input Voltage Range
Excessive Power Dissipation
3.3-V - 6.1-V Output Voltage Range
Thermally Enhanced Package for Efficient
500-kHz Switching Frequency
Heat Management (48-pin HTSSOP or
Type III Compensation
6-mm x 6-mm 40-Pin QFN)
Programmable Current Limit
Two Adjustable Step-Down Converter With
APPLICATIONS
Integrated Switching FETs:
xDSL and Cable Modems
4.75-V - 5.5-V Input
Wireless Access Points
STB, DTV, DVD and Home Gateway
0.9-V-3.3-V Output Voltage Range
3-A Output Current
1-MHz Switching Frequency
Type III Compensation
DESCRIPTION/ORDERING INFORMATION
The TPS65232 provides one PWM buck controller, two adjustable, synchronous buck regulators. The SMPS
have integrated switching FETs for optimized power efficiency and reduced external component count. All power
blocks have thermal and over current/short circuit protection. The TPS65232 startup timing can be controlled
through buck enable pins. The buck controller and buck converters have internal pole/zero pairs to help
stabilizing the system with minimum external components.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


同様の部品番号 - TPS65232_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65232A0RHA TI1-TPS65232A0RHA Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
TPS65232A0RHAR TI1-TPS65232A0RHAR Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
TPS65232A2DCA TI1-TPS65232A2DCA Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
TPS65232A2DCAR TI1-TPS65232A2DCAR Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
More results

同様の説明 - TPS65232_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
logo
Renesas Technology Corp
ISL91211A RENESAS-ISL91211A Datasheet
201Kb / 2P
Triple/Quad Output Power Management IC
ISL91301A RENESAS-ISL91301A Datasheet
231Kb / 2P
Triple/Quad Output Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com