データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65232A2 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS65232A2
部品情報  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232A2 データシート(HTML) 6 Page - Texas Instruments

Back Button TPS65232A2 Datasheet HTML 2Page - Texas Instruments TPS65232A2 Datasheet HTML 3Page - Texas Instruments TPS65232A2 Datasheet HTML 4Page - Texas Instruments TPS65232A2 Datasheet HTML 5Page - Texas Instruments TPS65232A2 Datasheet HTML 6Page - Texas Instruments TPS65232A2 Datasheet HTML 7Page - Texas Instruments TPS65232A2 Datasheet HTML 8Page - Texas Instruments TPS65232A2 Datasheet HTML 9Page - Texas Instruments TPS65232A2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPS65232
SLVSA42 – FEBRUARY 2010
www.ti.com
TERMINAL FUNCTIONS (RHA)
NAME
NO.
I/O
DESCRIPTION
BG
5
I
Reference filter pin
VINBQ
6
I
Reference supply for BUCK2 and BUCK3
V6V
7
I
Filter pin for internal voltage regulator (6 V)
VIN
8
I
Input supply for BUCK1 and support circuitry
FB2
9
I
Feedback pin (BUCK2)
CMP2
10
I
Regulator compensation (BUCK2)
EN_BCK2
11
I
Enable pin for BUCK2, active high
PGND2
12
Power ground BUCK2
PH2
13, 14
O
Switching pin (BUCK2)
VINB2
15, 16
Input supply for BUCK2 (must be tied to VINB3, VINBQ)
BST2
17
I
Bootstrap input (BUCK2)
DGND
18
Digital ground
LDRV
19
O
Low-side gate drive output (PWM controller)
HDRV
20
O
High-side gate drive output (PWM controller)
PH1
21
O
Switching pin (BUCK1)
BST1
22
I
Bootstrap input (BUCK1)
EN_BCK1
23
I
Enable pin for BUCK1, active high
CMP1
24
I
Regulator compensation (PWM controller)
FB1
25
I
Feedback pin (PWM controller)
SS
26
I
External capacitor for soft start
TRIP
27
I
BUCK1 over current trip point set-up
V3P3
28
I
Filter pin for internal voltage regulator (3.3 V)
AGND
2, 3, 4, 29, 30,
Analog ground
31, 32, 33
FB3
34
I
Feedback pin (BUCK3)
CMP3
35
I
Regulator Compensation (BUCK3)
EN_BCK3
36
I
Enable pin for BUCK3, active high
PH3
37, 38
O
Switching pin (BUCK3)
VINB3
39, 40
I
Input supply for BUCK3 (must be tied to VINB2, VINBQ)
BST3
1
I
Bootstrap input (BUCK3)
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com