| データシートサーチシステム |
|
PIFE32251B-R68MS データシート(PDF) 118 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PIFE32251B-R68MS データシート(HTML) 118 Page - Texas Instruments |
|
118 / 157 page ![]() 118 TPS650830 SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016 www.ti.com Submit Documentation Feedback Product Folder Links: TPS650830 Detailed Description Copyright © 2014–2016, Texas Instruments Incorporated 6.6.1.52 PWFAULT_MASK1 Register (address = 0xE5) [reset = 00000000] Figure 6-74. PWFAULT_MASK1 Register Format B7 B6 B5 B4 B3 B2 B1 B0 V4_FLTmsK V5_FLTmsK V6_FLTmsK V7_FLTmsK V8_FLTmsK V9_FLTmsK V10_FLTmsK V13_FLTmsK 0 0 0 0 0 0 0 1 RW RW RW RW RW RW RW RW LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Table 6-55. PWFAULT_MASK1 Register Field Descriptions Bit Field Type Reset Description 7 V4_FLTmsK RW 0 V4 Power Fault Masked 0: Not Masked 1: Masked 6 V5_FLTmsK RW 0 V5 Power Fault Masked 0: Not Masked 1: Masked 5 V6_FLTmsK RW 0 V6 Power Fault Masked 0: Not Masked 1: Masked 4 V7_FLTmsK RW 0 V7 Power Fault Masked 0: Not Masked 1: Masked 3 V8_FLTmsK RW 0 V8 Power Fault Masked 0: Not Masked 1: Masked 2 V9_FLTmsK RW 0 V9 Power Fault Masked 0: Not Masked 1: Masked 1 V10_FLTmsK RW 0 V10 Power Fault Masked 0: Not Masked 1: Masked 0 V13_FLTmsK RW 0 V13 Power Fault Masked 0: Not Masked 1: Masked |