| データシートサーチシステム |
|
PIFE32251B-R68MS データシート(PDF) 119 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PIFE32251B-R68MS データシート(HTML) 119 Page - Texas Instruments |
|
119 / 157 page ![]() 119 TPS650830 www.ti.com SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016 Submit Documentation Feedback Product Folder Links: TPS650830 Detailed Description Copyright © 2014–2016, Texas Instruments Incorporated 6.6.1.53 PWFAULT_MASK2 Register (address = 0xE6) [reset = 00000000] Figure 6-75. PWFAULT_MASK2 Register Format B7 B6 B5 B4 B3 B2 B1 B0 RESERVED_P WFAULT_MAS K2[5] RESERVED_P WFAULT_MAS K2[4] RESERVED_P WFAULT_MAS K2[3] RESERVED_P WFAULT_MAS K2[2] RESERVED_P WFAULT_MAS K2[1] RESERVED_P WFAULT_MAS K2[0] V11_FLTmsK V12_FLTmsK 0 0 0 0 0 0 0 0 RW RW RW RW RW RW RW RW LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Table 6-56. PWFAULT_MASK2 Register Field Descriptions Bit Field Type Reset Description 7:2 RESERVED_PWFAULT_MASK2[5: 0] 000000 Read Always Returns '1' 1 V11_FLTmsK 0 V11 Power Fault Masked 0: Not Masked 1: Masked 0 V12_FLTmsK 0 V12 Power Fault Masked 0: Not Masked 1: Masked |