データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET503C12-Z データシート(PDF) 14 Page - Copal Electronics

部品番号 ET503C12-Z
部品情報  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET503C12-Z データシート(HTML) 14 Page - Copal Electronics

Back Button ET503C12-Z Datasheet HTML 6Page - Copal Electronics ET503C12-Z Datasheet HTML 7Page - Copal Electronics ET503C12-Z Datasheet HTML 8Page - Copal Electronics ET503C12-Z Datasheet HTML 9Page - Copal Electronics ET503C12-Z Datasheet HTML 10Page - Copal Electronics ET503C12-Z Datasheet HTML 11Page - Copal Electronics ET503C12-Z Datasheet HTML 12Page - Copal Electronics ET503C12-Z Datasheet HTML 13Page - Copal Electronics ET503C12-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
■Electrical Appliance and Material Safety Law Listed Products
Circuit Part No.
For appliances
Forelectronicappliances
License number model
Circuit Part No.
For appliances
Forelectronicappliances
License number model
For general appliances
For motors
For general appliances
For motors
AC125V AC250V AC125V AC125V
AC125V AC250V AC125V AC125V
SPDT
10A
7A
−−
41−10290
SPST
ET115A10−Z
15A
10A
400W
2A
41−15368
ET110G10−Z
−−
41−10665
ET115C10−Z
ET115D10−Z
15A
10A
400W
2A
41−15368
ET125A10−Z
25A
15A
750W
5A
41−15369
ET115E10−Z
−
41−15338
DPST
ET215K10−Z
15A
10A
400W
2A
41−15370
ET115F10−Z
41−10665
ET215L10−Z
−−
41−10296
ET115H10−Z
ET225K10−Z
25A
15A
750W
5A
41−15371
ET120G10−Z
20A
12A
−−
41−10463
−
−
−−−−
−
ET125D10−Z
25A
15A
750W
5A
41−15369
ET
■Standard Accessories
《Supplied with switch》
Part Name
Hex Nut
Hex Nut
Lockwasher
Locking Ring
Part No.
140008010235
140008010221
140008030055
140008020065
Dimensions
Finish
Nickel plated
Zinc plated
Zinc plated
Zinc plated
ET115
ET215 140000080639 140008030057
ET120
ET220 140000080651 140008030058
ET125
ET225
ET230
140000080652 140008030060
■Optional Accessories
《Supplied separately》
Type
ET・8B
ET
ET
Part Name
Plate
Plate
Waterproof boot
Boot
Bushing
Part No.
140008040021
140008040025
Red 140000610335
Gray 140000610334
Black 140000610333
140000610080
140008010244
Dimensions
Type
ET
Part Name
Hex Nut
Part No.
140008010238
Dimensions
Chromium
Red
Black
Red
Black
⑵ Waterproof boot
①The boot is fixed to the switch with the
built-in screw.
②The boot cannot be used for plate-
mounting switches.
■
Optional Accessories
Plastic bag
■Handling Precautions
1.
⑴Manual Soldering
Device : Soldering iron
420℃, Max.; 3 seconds, Max.
2.Flux Cleaning
⑴ Solvent : Fluorine or Alcohol type.
⑵ The ET series are not washable. To wash
the PC board, clean the soldering surface
of the PC board with a brush so that the
switch is not exposed to the cleaning
solution.
:Optional Accessories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com