データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET503C12-Z データシート(PDF) 6 Page - Copal Electronics

部品番号 ET503C12-Z
部品情報  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET503C12-Z データシート(HTML) 6 Page - Copal Electronics

Back Button ET503C12-Z Datasheet HTML 2Page - Copal Electronics ET503C12-Z Datasheet HTML 3Page - Copal Electronics ET503C12-Z Datasheet HTML 4Page - Copal Electronics ET503C12-Z Datasheet HTML 5Page - Copal Electronics ET503C12-Z Datasheet HTML 6Page - Copal Electronics ET503C12-Z Datasheet HTML 7Page - Copal Electronics ET503C12-Z Datasheet HTML 8Page - Copal Electronics ET503C12-Z Datasheet HTML 9Page - Copal Electronics ET503C12-Z Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M12×1
0.5
0.
Key Way
M12×1
ET
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET125A■−Z
27.6±1
28.8±1
24.6±1
ET125D■−Z
ET125E■−Z
−
28.8±1
24.6±1
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET125A■
ET125D■
ET125E■
AC125V 25A
AC250V 15A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET205K12
ET205N12
ET205P12
AC125V 5A
AC250V 3A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET206K12
AC125V 6A
20mΩ Max.
(DC2V 100mA)
AC1500V
minute
100MΩ Min.
(DC500V)
10,000
cycles
ET206N12
AC125V 6A
AC250V 2A
Switching
function
Part No.
Key way
Key way
Key way
  ET125A■−Z
ON
−
OFF
Connecting terminals
1−3
−−
  ET125D■−Z
ON
−
ON
  ET125E■−Z
ON
OFF
ON
Connecting terminals
2−3
−
2−1
Switching
function
Part No.
Key way
Key way
Key way
★ ET205K12−Z
ON
−
OFF
Connecting terminals
1−3 4−6
−−
★ ET205N12−Z
ON
−
ON
★ ET205P12−Z
ON
OFF
ON
Connecting terminals
2−3 5−6
−
2−1 5−4
Switching
function
Part No.
Key way
Key way
Key way
★ ET206K12−Z
ON
−
OFF
Connecting terminals
2−1 5−4
−−
★ ET206N12−Z
ON
−
ON
Connecting terminals
2−1 5−4
−
2−3 5−6
ET125(1 pole)
ET206□12(2 poles)
ET205(2 poles)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal pin No.2 is not available in switches with Switching
Function
A .
Terminal pins No.3 and No.6 are not available in switches
with Switching Function
K .
Terminal pins No.2 and No.5 are not available in switches with
Switching Function
K .
■ shows the terminal style (blank) , 10 , or 12 .
■:Refer to Table of Part Numbers on P.428 for a full list
of part numbers.
★:Made to order products.
☆:Semi-standard products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com