データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMPF0200F0AEP データシート(PDF) 29 Page - NXP Semiconductors

部品番号 MMPF0200F0AEP
部品情報  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F0AEP データシート(HTML) 29 Page - NXP Semiconductors

Back Button MMPF0200F0AEP Datasheet HTML 25Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 26Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 27Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 28Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 29Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 30Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 31Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 32Page - NXP Semiconductors MMPF0200F0AEP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
NXP Semiconductors
29
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.2.1
Turn on events
From OFF and Sleep modes, the PMIC is powered on by a turn-on event. The type of Turn-on event depends on the configuration of
PWRON. PWRON may be configured as an active high when PWRON_CFG = 0, or as the input of a mechanical switch when
PWRON_CFG = 1. VIN must be greater than UVDET for the PMIC to turn-on. When PWRON is configured as an active high and PWRON
is high (pulled up to VSNVS) before VIN is valid, a VIN transition from 0.0 V to a voltage greater than UVDET is also a Turn-on event. See
the State diagram, Figure 8, and the Table 24 for more details. Any regulator enabled in the Sleep mode will remain enabled when
transitioning from Sleep to ON, i.e., the regulator will not be turned off and then on again to match the start-up sequence. The following
is a more detailed description of the PWRON configurations:
• If PWRON_CFG = 0, the PWRON signal is high and VIN > UVDET, the PMIC will turn on; the interrupt and sense bits, PWRONI and
PWRONS respectively, will be set.
• If PWRON_CFG = 1, VIN > UVDET and PWRON transitions from high to low, the PMIC will turn on; the interrupt and sense bits,
PWRONI and PWRONS respectively, will be set.
The sense bit will show the real time status of the PWRON pin. In this configuration, the PWRON input can be a mechanical switch
debounced through a programmable debouncer, PWRONDBNC[1:0], to avoid a response to a very short (i.e., unintentional) key press.
The interrupt is generated for both the falling and the rising edge of the PWRON pin. By default, a 30 ms interrupt debounce is applied to
both falling and rising edges. The falling edge debounce timing can be extended with PWRONDBNC[1:0] as defined in the table below.
The interrupt is cleared by software, or when cycling through the OFF mode.
6.4.2.2
Turn off events
PWRON pin
The PWRON pin is used to power off the PF0200. The PWRON pin can be configured with OTP to power off the PMIC under the following
two conditions:
1. PWRON_CFG bit = 0, SWxOMODE bit = 0 and PWRON pin is low.
2. PWRON_CFG bit = 1, SWxOMODE bit = 0, PWRONRSTEN = 1 and PWRON is held low for longer than 4.0 seconds.
Alternatively, the system can be configured to restart automatically by setting the RESTARTEN bit.
Thermal protection
If the die temperature surpasses a given threshold, the thermal protection circuit will power off the PMIC to avoid damage. A turn-on event
will not power on the PMIC while it is in thermal protection. The part will remain in Off mode until the die temperature decreases below a
given threshold. There are no specific interrupts related to this other than the warning interrupt. See Power dissipation section for more
detailed information.
Undervoltage detection
When the voltage at VIN drops below the undervoltage falling threshold, UVDET, the state machine will transition to the Coin Cell mode.
Table 25. PWRON hardware debounce bit settings
Bits
State
Turn on
debounce (ms)
Falling edge INT
debounce (ms)
Rising edge INT
debounce (ms)
PWRONDBNC[1:0]
00
0.0
31.25
31.25
01
31.25
31.25
31.25
10
125
125
31.25
11
750
750
31.25
Notes
37.
The sense bit, PWRONS, is not debounced and follows the state of the PWRON pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com