| データシートサーチシステム |
|
TLE8088EM データシート(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8088EM データシート(HTML) 22 Page - Infineon Technologies AG |
|
22 / 24 page ![]() Data Sheet 22 Rev 1.0, 2012-10-01 TLE 8088 EM Package Outlines 9 Package Outlines Figure 14 PG-SSOP-24 Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations, the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 1) Does not include plastic or metal protrusion of 0.15 max. per side 112 24 13 2) Does not include dambar protrusion of 0.13 max. 8.65±0.1 C 0.1 A-B 2x 0.65 0.25 2) M C 0.2 D 24x ±0.05 A-B B A Index Marking C 0.08 C Seating Plane ±0.1 3.9 1) 0.35 x 45˚ ±0.25 0.64 ±0.2 D 6 M 0.2 D CD 2x 0.1 Bottom View 24 1 6.4 13 12 ±0.25 For further information on alternative packages, please visit our website: http://www.infineon.com/packages. Dimensions in mm |