| データシートサーチシステム |
|
CAP1114 データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1114 データシート(HTML) 21 Page - Microchip Technology |
|
21 / 102 page ![]() Multiple Channel Capacitive Touch Sensor and LED Driver Datasheet SMSC CAP1114 21 Revision 1.1 (02-04-11) DATASHEET 4.2.6 SMBus Receive Byte The Receive Byte protocol is used to read data from a register when the internal register address pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads of the same register as shown in Table 4.7. Table 4.6 Send Byte Protocol START CLIENT ADDRESS WR ACK REGISTER ADDRESS ACK STOP 1 -> 0 0101_000 0 0 XXh 0 0 -> 1 Table 4.7 Receive Byte Protocol START CLIENT ADDRESS RD ACK REGISTER DATA NACK STOP 1 -> 0 0101_000 1 0 XXh 1 0 -> 1 |