| データシートサーチシステム |
|
CAP1114 データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1114 データシート(HTML) 23 Page - Microchip Technology |
|
23 / 102 page ![]() Multiple Channel Capacitive Touch Sensor and LED Driver Datasheet SMSC CAP1114 23 Revision 1.1 (02-04-11) DATASHEET 5.1 Power States The CAP1114 has four operating states depending on the status of the SLEEP, DEACT, and DSLEEP bits (see Section 6.1). They are described below and summarized in Table 5.1. When the device transitions between power states, previously detected touches (for deactivated channels) are cleared and the status bits reset. 1. Fully Active - The device is fully active. It is monitoring all active Capacitive Sensor channels and driving all LED channels as defined. Figure 5.1 System Diagram for CAP1114 CAP1114 LED11 Slider Embedded Controller VDD LED8 Dual Color LED 3.3V CS1 LED1 Touch Button 3.3V 3.3V 3.3V CS2 LED2 Touch Button 3.3V CS3 LED3 Touch Button 3.3V CS5 LED5 Touch Button 3.3V CS4 LED4 Touch Button 3.3V CS6 LED6 Touch Button 3.3V CS7 LED7 Touch Button 3.3V 3.3V 3.3V |