データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6654 データシート(PDF) 6 Page - Linear Integrated Systems

部品番号 LT6654
部品情報  1.5ppm C Drift, Low Noise, Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAR [Linear Integrated Systems]
ホームページ  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT6654 データシート(HTML) 6 Page - Linear Integrated Systems

Back Button LT6654 Datasheet HTML 2Page - Linear Integrated Systems LT6654 Datasheet HTML 3Page - Linear Integrated Systems LT6654 Datasheet HTML 4Page - Linear Integrated Systems LT6654 Datasheet HTML 5Page - Linear Integrated Systems LT6654 Datasheet HTML 6Page - Linear Integrated Systems LT6654 Datasheet HTML 7Page - Linear Integrated Systems LT6654 Datasheet HTML 8Page - Linear Integrated Systems LT6654 Datasheet HTML 9Page - Linear Integrated Systems LT6654 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT6657
6
6657fb
For more information www.linear.com/LT6657
Typical perForMance characTerisTics ThetestconditionsareT
A = 25°C,
VIN = VOUT + 0.5V, VSHDN = 1.6V, IOUT = 0, COUT = 1µF, unless otherwise noted.
2.5V Supply Current in Shutdown
vs Input Voltage
INPUT VOLTAGE (V)
0
4.0
3.0
2.0
1.0
0.0
20
30
6657 G16
40
125°C
25°C
–40°C
–55°C
VSHDN = 0.4V
Shutdown Pin Current vs
Shutdown Voltage
SHUTDOWN VOLTAGE (V)
–10
10
5
0
–5
–10
–30
–20
–15
–25
20
30
0
10
6657 G15
40
125°C
25°C
–40°C
–55°C
Supply and Ground Currents vs
Load Current
Shutdown Voltage Thresholds vs
Temperature
LOAD CURRENT (mA)
–10
12
8
4
0
–4
–12
–8
5
–5
0
6657 G13
10
125°C
25°C
–40°C
–55°C
CURRENTS GOING INTO
THE PART ARE POSITIVE
GROUND PIN CURRENT
SUPPLY PIN CURRENT
TEMPERATURE (°C)
–50
1.40
1.35
1.30
1.25
1.15
1.00
1.10
1.05
100
0
50
6657 G14
150
VTH(RISING)
VTH(FALLING)
THREE TYPICAL PARTS
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
4.9984
4.9992
5.0000
5.0008
5.0016
6657 G17
TIME (1s/DIV)
6657 G18
5V Output Voltage Temperature
Drift
5V Low Frequency 0.1Hz to 10Hz
Noise
2.5V Minimum VIN to VOUT
Differential (Sinking)
2.5V Power Supply Rejection
Ratio vs Frequency
2.5V Output Impedance vs
Frequency
INPUT-OUTPUT VOLTAGE (mV)
–300
10
0.1
1
–200
–100
–250
–150
–50
0
6657 G10
50
125°C
25°C
–40°C
–55°C
VIN < VOUT
FREQUENCY (kHz)
0.1
1
120
80
40
20
0
100
60
100
10
6657 G11
1000
COUT = 1µF
COUT = 10µF
COUT = 1µF
COUT = 10µF
COUT = 100µF
FREQUENCY (kHz)
1
10
100
1k
0.1
1
10
6657 G12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com