データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6654 データシート(PDF) 10 Page - Linear Integrated Systems

部品番号 LT6654
部品情報  1.5ppm C Drift, Low Noise, Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAR [Linear Integrated Systems]
ホームページ  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT6654 データシート(HTML) 10 Page - Linear Integrated Systems

Back Button LT6654 Datasheet HTML 6Page - Linear Integrated Systems LT6654 Datasheet HTML 7Page - Linear Integrated Systems LT6654 Datasheet HTML 8Page - Linear Integrated Systems LT6654 Datasheet HTML 9Page - Linear Integrated Systems LT6654 Datasheet HTML 10Page - Linear Integrated Systems LT6654 Datasheet HTML 11Page - Linear Integrated Systems LT6654 Datasheet HTML 12Page - Linear Integrated Systems LT6654 Datasheet HTML 13Page - Linear Integrated Systems LT6654 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT6657
10
6657fb
For more information www.linear.com/LT6657
Turn-On and Line Transient Response
The turn-on time is slew-limited and determined by the
short-circuit current, the output capacitor, and the output
voltage value as determined by the equation:
tON = VOUT
COUT
ISC
For example, the LT6657-2.5V, with a 1µF output capaci-
tor and a typical current limit of 15mA the turn-on time
would be:
tON = 2.5V •
1µF
15mA
= 167µs
The resulting turn-on time is shown in Figure 1.
50µs/DIV
VIN
1V/DIV
GND
VOUT
1V/DIV
GND
6657 F01
COUT = 1µF
Figure 1. 2.5V Turn-On Characteristics
Line transient response with a 1µF output capacitor and
no output current is shown in Figure 2. The peak voltage
output response is less than 1mV.
50µs/DIV
VIN
0.2V/DIV
3V/DC
VOUT
2mV/DIV
2.5V/DC
6657 F02
COUT = 1µF, IOUT = 0mA
Figure 2. Line Transient Response with VIN = 0.4VP-P
Increasing the output load speeds up the response
(Figure 3).
50µs/DIV
VIN
0.2V/DIV
3V/DC
VOUT
2mV/DIV
2.5V/DC
6657 F03
COUT = 1µF, IOUT = 1mA SOURCING
Figure 3. Line Transient Response with VIN = 0.4VP-P
A larger output capacitor lowers the amplitude response
with a longer time response trade-off (Figure 4).
VIN
0.5V/DIV
3V/DC
VOUT
2mV/DIV
2.5V/DC
6657 F04
COUT = 10µF, IOUT = 0mA
50µs/DIV
Figure 4. Line Transient Response with VIN = 1VP-P
Load Transient Response
ThetestcircuitofFigure5isusedtomeasureloadtransient
response with various currents.
CIN
0.1µF
VIN = 3V
COUT
1µF
VOUT
VGEN
6657 F05
2
3
6
4
1k
LT6657
OUT
IN
GND
SHDN
Figure 5. Transient Load Test Circuit
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com