データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC2S4T6 データシート(PDF) 10 Page - STMicroelectronics

部品番号 ST7MC2S4T6
部品情報  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 データシート(HTML) 10 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 6Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 7Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 8Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 9Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 10Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 11Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 12Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 13Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 308 page
background image
ST7MC1/ST7MC2
10/308
PIN DESCRIPTION (Cont’d)
Figure 6. 44-Pin LQFP Package Pinouts
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
ei2
ei0
ei1
VSS_1
OSC1
OSC2
AIN0 / PWM0 / PA3
AIN1 / ARTIC1 / PA5
MCVREF / PB0
(HS) MCO3
(HS) MCO4
(HS) MCO5
MCES
PD0 / OCMP2_A / AIN11
RESET
VDD_0
VAREF
VSSA
VSS_0
PC7 / MCPWMW / AIN7
PD4 /EXTCLK_A / AIN14 / ICCCLK
PD3 / ICAP1_A / AIN13
PD2 / ICAP2_A / MCZEM / AIN12
PD1 (HS) / OCMP1_A / MCPWMV/MCDEM
eix
associated external interrupt vector
(HS) 20mA high sink capability
VDD_1
* Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More