| データシートサーチシステム |
|
ST7MC2S4T6 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S4T6 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 308 page ![]() ST7MC1/ST7MC2 45/308 INTERRUPTS (Cont’d) Figure 24. External Interrupt Control bits IS20 IS21 EICR SENSITIVITY CONTROL PAOR.7 PADDR.7 PA7 ei1 INTERRUPT SOURCE PORT A3, PORT A[7:5] INTERRUPTS PA7 PA6 PA5 PA3 IS10 IS11 EICR SENSITIVITY CONTROL PCOR.0 PCDDR.0 PC0 ei2 INTERRUPT SOURCE PORT C0, PORT B[7:6] INTERRUPTS PC0 PB7 PB6 IS30 IS31 EICR SENSITIVITY CONTROL PDOR.6 PDDDR.6 IPA BIT PD6 ei0 INTERRUPT SOURCE PORT D [6:4] INTERRUPTS PD6 PD5 PD4 IS30 IS31 EICR SENSITIVITY CONTROL PDOR.3 PDDDR.3 PD3 ei0 INTERRUPT SOURCE PORT D [3:1] INTERRUPTS PD3 PD2 PD1 IS10 IS11 EICR SENSITIVITY CONTROL PCOR.3 PCDDR.3 IPB BIT PC3 ei2 INTERRUPT SOURCE PORT C [3:1] INTERRUPTS PC3 PC2 PC1 1 |