データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC2S4T6 データシート(PDF) 162 Page - STMicroelectronics

部品番号 ST7MC2S4T6
部品情報  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 データシート(HTML) 162 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 158Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 159Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 160Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 161Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 162Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 163Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 164Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 165Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 308 page
background image
ST7MC1/ST7MC2
162/308
MOTOR CONTROLLER (Cont’d)
Figure 87. Functional Diagram of Z Detection after D Event
Begin
End
DS or DH
Change the side according to OS[2:0]
Switch Sampling Clock[D] -> Sampling Clock[Z]
Wait for next sampling clock edge
Yes
No
Yes
No
Yes
No
Filter
off
?
Read enabled
Z Window Filter turned on
ZWF[3:0] bits in MZFR register
Read enable
by REO
?
Side change on
Output PWM
?
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More