データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPS22 データシート(PDF) 1 Page - Artesyn Technologies

部品番号 LPS22
部品情報  Total Power: 25 - 40 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTESYN [Artesyn Technologies]
ホームページ  
Logo ARTESYN - Artesyn Technologies

LPS22 データシート(HTML) 1 Page - Artesyn Technologies

  LPS22 Datasheet HTML 1Page - Artesyn Technologies LPS22 Datasheet HTML 2Page - Artesyn Technologies LPS22 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS25 Series
25 Watts
Total Power: 25 - 40 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Universal input
ƒ
3” x 5” footprint
ƒ
Less than 1U high
ƒ
Remote sense
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
Adjustable output
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
110 KHz switching frequency
ƒ
LPX40 enclosure kit available
ƒ
RoHS compliant
ƒ
Two year warranty
SAFETY
ƒ
TUV
60950
11774-3336-1241
(LC#84936)
ƒ
cUL
60950
ƒ
CSA
CSA 22.2-234 Level 3
LR53982C
ƒ
NEMKO
EN 60950/EMKO-TUE
P95100442 (74-sec) 203
ƒ
CB
Certificate and report
1577, 1578, 1579, 1580
ƒ
CE Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac; 120 - 300 Vac
Frequency
47 - 440 Hz
Inrush current
<15 A peak @ 115 Vac; <30 A peak @ 230 Vac, cold start @ 25 °C
Input current
1 A max. (RMS) @ 115 Vac
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class B conducted; EN55022
Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
25 W for convection; 40 W with 30CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 25 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110-145% above peak rating
Overvoltage protection
5 V output; 5.7 to 6.7 Vdc.
Other outputs 10% to 25% above nominal output
Remote sense
Compensates for 0.5 V lead drop minimum
Will operate without remote sense connected
Reverse connection protected
Data Sheet


同様の部品番号 - LPS22

メーカー部品番号データシート部品情報
logo
Astec America, Inc
LPS22 ASTEC-LPS22 Datasheet
77Kb / 3P
25 Watts
logo
Emerson Network Power
LPS22 EMERSON-NETWORKPOWER-LPS22 Datasheet
99Kb / 3P
Universal input
logo
Astec America, Inc
LPS22-T ASTEC-LPS22-T Datasheet
77Kb / 3P
25 Watts
logo
Emerson Network Power
LPS22-T EMERSON-NETWORKPOWER-LPS22-T Datasheet
99Kb / 3P
Universal input
logo
STMicroelectronics
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
More results

同様の説明 - LPS22

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
AEE08F18-L ARTESYN-AEE08F18-L Datasheet
1Mb / 3P
Total Power: 40 Watts
LPT22 ARTESYN-LPT22 Datasheet
1Mb / 4P
Total Power: 25 - 40 Watts
LPS41 ARTESYN-LPS41 Datasheet
589Kb / 3P
Total Power: 40 - 55 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
Total Power: 40 - 60 Watts
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com