データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPS22 データシート(PDF) 2 Page - Artesyn Technologies

部品番号 LPS22
部品情報  Total Power: 25 - 40 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTESYN [Artesyn Technologies]
ホームページ  
Logo ARTESYN - Artesyn Technologies

LPS22 データシート(HTML) 2 Page - Artesyn Technologies

  LPS22 Datasheet HTML 1Page - Artesyn Technologies LPS22 Datasheet HTML 2Page - Artesyn Technologies LPS22 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPS25 Series Data Sheet
Ordering Information
Model Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load with
30CFM Forced Air
Peak Load1
Regulation2
Ripple
P/P (PARD)3
LPS22
5V
0A
5A
8A
9A
±2%
50 mV
LPS23
12V
0A
2.1A
3.3A
3.7A
±2%
120 mV
LPS24
15V
0A
1.7A
2.7A
3A
±2%
150 mV
LPS25
24V
0A
1.1A
1.8A
1.9A
±2%
240 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Environmental Specifications
Operating temperature
0° to 50°C ambient. Derate each output 2.5% per degree from 50° to 70°C, -20°C start up.
Storage temperature
-40°C to +85°C
Electromagnetic susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95% RH
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.75 G peak 5 Hz
to 500 Hz, operational
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Power Derating Curve
Output
Power
(Watts)
10W
20W
30W
40W
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
12.5W
25W
30 CFM Forced Air Cooling
0°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com