データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUW17 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 BUW17
部品情報  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUW17 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUW17 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUW17 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
BUW17
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 400V(Min.)
·
High Speed Switching
APPLICATIONS
·
Designed for high voltage, fast switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
450
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
20
A
IB
Base Current-Continuous
3
A
PT
Total Power Dissipation
@ TC≤25℃
100
W
TJ
Junction Temperature
200
Tstg
Storage Temperature Range
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.4
/W


同様の部品番号 - BUW17

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BUW1015 STMICROELECTRONICS-BUW1015 Datasheet
206Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2002
logo
Advanced Analogic Techn...
BUW11 ANALOGICTECH-BUW11 Datasheet
74Kb / 1P
POWER TRANSISTORS
logo
Savantic, Inc.
BUW11 SAVANTIC-BUW11 Datasheet
137Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW11 ISC-BUW11 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUW11 SAVANTIC-BUW11 Datasheet
139Kb / 3P
Silicon NPN Power Transistors
More results

同様の説明 - BUW17

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com