| データシートサーチシステム |
|
TC72-2.8MUATR データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC72-2.8MUATR データシート(HTML) 14 Page - Microchip Technology |
|
14 / 28 page ![]() TC72 DS21743B-page 14 © 2011 Microchip Technology Inc. FIGURE 4-3: Serial Interface Timing Diagrams (CP=0). A 1 SCK SDI SDO High Z A7=1 CE Single Byte Write Operation (CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=1) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 A A A A A A A D D D D D D D D 7 6543 21076 543 2 1 0 MSb LSb Single Byte Read Operation (CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=0) CE A 1 SCK SDI A7=0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 A A A A A A A D D SDO High Z High Z 7 6543 210 MSb LSb 70 SPI Multiple Byte Transfer CE SCK Write Operation (CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=1) SDI Address Byte = 80hex High Z SDO Control Byte A7 A0 D7 D0 Read Operation (CP=0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7=0) SDI SDO High Z High Z MSB Temp. Byte LSB Temp. Byte Address Byte = 02hex Control Byte A7 A0 D7 D0 D7 D0 D7 D0 |