データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC72-2.8MUATR データシート(PDF) 18 Page - Microchip Technology

部品番号 TC72-2.8MUATR
部品情報  Digital Temperature Sensor with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-2.8MUATR データシート(HTML) 18 Page - Microchip Technology

Back Button TC72-2.8MUATR Datasheet HTML 14Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 15Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 16Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 17Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 18Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 19Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 20Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 21Page - Microchip Technology TC72-2.8MUATR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TC72
DS21743B-page 18
© 2011 Microchip Technology Inc.
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead DFN
Example
:
XXXXXXXX
MYWW
NNN
7228
M109
256
8-Lead MSOP
Example:
XXXXXX
YWWNNN
TC722M
109256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28