データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBB72 データシート(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECBB72
部品情報  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 データシート(HTML) 68 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 64Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 65Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 66Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 67Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 68Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 69Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 70Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 71Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
AC21, D15,
NA
vdd_core
0
PWR
-
-
-
-
-
-
-
-
G11, G18,
H20, M7,
M17, R20,
T7, Y8, Y12
D13, G9,
NA
vdd_mpu
0
PWR
-
-
-
-
-
-
-
-
G12, H7,
_iva
K11, L9, M9,
M10, N7, N8,
P10, U7,
U11, U13,
V7, V11, W9,
Y9, Y11
A18, AC7,
NA
vdds
0
PWR
-
-
-
-
-
-
-
-
AC15, AC18,
AC24, AD20,
AE10, C11,
D9, E24, G4,
J15, J18, L7,
L24, M4, T4,
T24, W24,
Y4, L20,
AB24, AD18,
AD19
U12
NA
vdds_sram
0
PWR
-
-
-
-
-
-
-
-
K13
NA
vdds_dpll_dll
0
PWR
-
-
-
-
-
-
-
-
U14
NA
vdds_dpll_pe
0
PWR
-
-
-
-
-
-
-
-
r
W14
NA
vdds_wkup_
0
PWR
-
-
-
-
-
-
-
-
bg
N23, P23
NA
vdds_mmc1,
0
PWR
-
-
-
-
-
-
-
-
vdds_mmc1a
V25
NA
vdda_dac
0
PWR
-
-
-
-
-
-
-
-
V24
NA
vssa_dac
0
PWR
-
-
-
-
-
-
-
-
A6, A8, A13,
NA
vss
0
GND
-
-
-
-
-
-
-
-
AB5, AB22,
AC10, AC16,
AC19, AD14,
AD25,AE7,
AF23, B2,
B25, C12,
D7, D10,
D12, D14,
D18, D20,
E22, G1, G8,
G10, G20,
G23, H4, K1,
K15, K25,
L10, L17,
L19, L23, N4,
N10, N17,
R1, R4, R17,
T23, U25,
W1, W4,
W23, Y7,
Y10, Y16,
Y26
K14, K20,
NA
cap_vdd_wk
0
PWR
-
-
-
-
-
-
-
-
N9, AE19
up,
cap_vdd_sra
m_core,
cap_vdd_sra
m_mpu _iva,
cap_vdd_d
A1, L1, AF1, A1, J1, AA1, FeedThrough
-
-
-
-
-
-
-
-
-
-
T2, Y2, AE2, N2, T2, W2,
Pins
(24)
AF4, AF5,
Y2, AA6, Y7,
AF8, AF10,
Y9, AA10,
AF12, AF13, AA11, AA12,
AF14, AF15,
AA13, Y14,
AF17, AF16,
AA14, B16,
A20, AF21,
Y17, AA17,
AF18, AF24,
Y19, AA19,
AF22, A25,
A20, Y20,
AE25, AF25,
AA20, A21,
A26, B26,
B21, H21,
K26, U26,
P21, Y21,
AE26, AF26
AA21
(24) These signals are feed-through balls. For more information, refer to Section 2.5.10.
68
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More