データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBB72 データシート(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECBB72
部品情報  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 データシート(HTML) 73 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 69Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 70Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 71Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 72Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 73Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 74Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 75Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 76Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
K5
gpmc_nbe0_cl 0
O
L
0
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
e
gpio_60
4
IO
safe_mode
7
L1
gpmc_nbe1
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_61
4
IO
safe_mode
7
E1
gpmc_nwp
0
O
L
0
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_62
4
IO
safe_mode
7
C1
gpmc_wait0
0
I
H
H
0
vdds_ mem
Yes
NA
PU/ PD
LVCMOS
C2
gpmc_wait3
0
I
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq1
gpio_65
4
IO
safe_mode
7
G22
dss_pclk
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_66
4
IO
safe_mode
7
E22
dss_hsync
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_67
4
IO
safe_mode
7
F22
dss_vsync
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_68
4
IO
safe_mode
7
J21
dss_acbias
0
O
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_69
4
IO
safe_mode
7
AC19
dss_data0
0
IO
L
L
7
vdds
No
4
PU/ PD
LVCMOS
uart1_cts
2
I
gpio_70
4
IO
safe_mode
7
AB19
dss_data1
0
IO
L
L
7
vdds
No
4
PU/ PD
LVCMOS
uart1_rts
2
O
gpio_71
4
IO
safe_mode
7
AD20
dss_data2
0
IO
L
L
7
vdds
No
4
PU/ PD
LVCMOS
gpio_72
4
IO
safe_mode
7
AC20
dss_data3
0
IO
L
L
7
vdds
No
4
PU/ PD
LVCMOS
gpio_73
4
IO
safe_mode
7
AD21
dss_data4
0
IO
L
L
7
vdds
No
4
PU/ PD
LVCMOS
uart3_rx_ irrx
2
I
gpio_74
4
IO
safe_mode
7
AC21
dss_data5
0
IO
L
L
7
vdds
No
4
PU/ PD
LVCMOS
uart3_tx_ irtx
2
O
gpio_75
4
IO
safe_mode
7
D24
dss_data6
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart1_tx
2
O
gpio_76
4
IO
safe_mode
7
E23
dss_data7
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
73
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More