| データシートサーチシステム |
|
PRCP-MSMF010 データシート(PDF) 3 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-MSMF010 データシート(HTML) 3 Page - Copal Electronics |
|
3 / 6 page ![]() A B C Top and Bottom View Side View D Top View Style 2 Style 1 Bottom View Side View Recommended Pad Layout A B D C 2.95 ± 0.10 (.114 ± .004) 3.1 ± 0.10 (.122 ± .004) 1.68 ± 0.05 (.066 ± .002) Recommended Pad Layout 3.2 ± 0.1 (0.126 ± .004) 2.7 ± 0.1 (.106 ± .004) 1.5 ± 0.05 (.059 ± .002) 1.5 ± 0.05 (.059 ± .002) Terminal material: Electroless Ni under immersion Au Termination pad solderability: Standard Au finish: Meets ANSI/J-STD-002 Category 2. Recommended Storage: 40 °C max./70 % RH max. Product Dimensions (see previous page for dimensions) Typical Time to Trip at 23 ˚C PRCP-MSMF Series - Polymer Resettable Circuit Protectors C A The Time to Trip curves represent typical performance of a device in a simulated application environment.Actual performance in specific customer applications may differ from these values due to the influence of other variables. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Specifications are subject to change without notice. 0.001 0.01 0.1 1 10 100 0 0 1 0 1 1 1 . 0 PRCP-MSMF020 PRCP-MSMF030 PRCP-MSMF200 PRCP-MSMF014 PRCP-MSMF010 PRCP-MSMF050 PRCP-MSMF075 PRCP-MSMF075/24 PRCP-MSMF110 PRCP-MSMF110/16 PRCP-MSMF125 PRCP-MSMF150 PRCP-MSMF160 PRCP-MSMF260 Fault Current (Amps) |