| データシートサーチシステム |
|
PRCP-MSMF010 データシート(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-MSMF010 データシート(HTML) 5 Page - Copal Electronics |
|
5 / 6 page ![]() PRCP-MSMF050- PRCP-MSMF260 per EIA 481-1 PRCP-MSMF010- PRCP-MSMF030 per EIA-481-1 Tape Dimensions W 12.0 ± 0.30 (0.472 ± 0.012) P0 4.0 ± 0.10 (0.157 ± 0.004) P1 8.0 ± 0.10 (0.315 ± 0.004) P2 2.0 ± 0.05 (0.079 ± 0.002) A0 3.70 ± 0.10 3.66 ± 0.15 (0.144 ± 0.004) B0 4.93 ± 0.10 (0.194 ± 0.004) B1 max. 5.9 (0.232) D0 1.5 + 0.10/-0.0 (0.059 + 0.004/-0) F 5.5 ± 0.05 (0.217 ± 0.002) E1 1.75 ± 0.10 (0.069 ± 0.004) E2 min. 10.25 (0.404) T max. 0.6 T1 max. 0.1 K0 1.30 ± 0.10 (0.051 ± 0.004) Leader min. 390 (15.35) Trailer min. 160 (6.30) Reel Dimensions A max. 185 (7.28) N min. 50 (1.97) W1 12.4 + 2.0/-0.0 (0.488 + 0.079/-0.0) W2 max. 18.4 (0.724) B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D 0 P2 P0 E2 E1 W DIMENSIONS: MM (INCHES) PRCP-MSMF110/24X PRCP-MSMF150/24X PRCP-MSMF250/16X per EIA 481-1 The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Specifications are subject to change without notice. PRCP-MSMF Series Tape and Reel Specifications 12.0 ± 0.30 12.0 ± 0.30 (0.472 ± 0.012) (0.472 ± 0.012) 4.0 ± 0.10 4.0 ± 0.10 (0.157 ± 0.004) (0.157 ± 0.004) 8.0 ± 0.10 8.0 ± 0.10 (0.315 ± 0.004) (0.315 ± 0.004) 2.0 ± 0.05 2.0 ± 0.05 3.66 ± 0.15 (0.144 ± 0.006) (0.146 ± 0.004) 4.98 ± 0.10 5.10 ± 0.10 (0.196 ± 0.004) (0.200 ± 0.004) 5.9 5.9 (0.232) (0.232) 1.5 + 0.10/-0.0 1.5 + 0.10/-0.0 (0.059 + 0.004/-0) (0.059 + 0.004/-0) 5.5 ± 0.05 5.5 ± 0.05 (0.217 ± 0.002) (0.217 ± 0.002) 1.75 ± 0.10 1.75 ± 0.10 (0.069 ± 0.004) (0.069 ± 0.004) 10.25 10.25 0.6 0.6 (0.404) (0.404) (0.024) (0.024) (0.024) 0.1 0.1 (0.004) (0.004) (0.004) 0.95 ± 0.10 1.50 ± 0.10 (0.037 ± 0.004) (0.059 ± 0.004) 390 390 (15.35) (15.35) 160 160 (6.30) (6.30) 185 185 (7.28) (7.28) 50 50 (1.97) (1.97) 12.4 + 2.0/-0.0 12.4 + 2.0/-0.0 (0.488 + 0.079/-0.0) (0.488 + 0.079/-0.0) 18.4 18.4 (0.724) (0.724) (0.079 ± 0.002) (0.079 ± 0.002) |