| データシートサーチシステム |
|
HEZ-AW-RLC-A データシート(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
HEZ-AW-RLC-A データシート(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 4 page ![]() 2 Technical Data 2127 Effective January 2016 Bussmann series HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses Non-breakaway catalog number system HEZ - A A Agency Information Loadside terminal Lineside terminal Reference length A Breakaway equivalent UL CSA Terminal type Wire range* Terminal type Wire range* HEZ A A X X Cu crimp #8-16; (2) #12-16 Cu crimp #8-16; (2) #12-16 4.4 (112) HEZ-AW-RLC-A * Solid/stranded conductors unless otherwise noted. Non-breakaway dimensions - in (mm): A 9.125 (232) Assembled length Non-breakaway terminal data Terminal type Conductor data Cu crimp #8-16 #10-16 1 2 • • • • A Eaton.com/bussmannseries To order: Specify catalog symbol HEZ and the loadside terminal code. Then select a lineside terminal code that is available with the loadside terminal. Example: HEZ-AA defines a non-breakaway holder with both loadside and lineside copper crimp terminals for a single 8-16 AWG or two 12-16 AWG wires. |