| データシートサーチシステム |
|
HEZ-AW-RLC-A データシート(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
HEZ-AW-RLC-A データシート(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 4 page ![]() 3 Technical Data 2130 Effective January 2016 Bussmann series HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses Eaton.com/bussmannseries Breakaway catalog number system HEZ - A W - RYC Agency Information Loadside terminal Lineside terminal Length A (reference) Non- breakaway equivalent UL CSA Terminal type Wire range* Terminal type Wire range* HEZ A RLC-A X X Cu crimp #8-16; (2) #12-16 Cu crimp #8-16; (2) #12-16 5.8 (147) HEZ-AA RYC X — Cu crimp #8-16; (2) #12-16 Cu dual setscrew #2-12† 6.3 (159) — * Solid/stranded conductors unless otherwise noted. Dimensions - in (mm): A 10.375 (263) Assembled length Breakaway To order: Specify catalog symbol HEZ and the loadside terminal code plus the letter “W.” Then select a lineside terminal code that is available with the loadside terminal. Example: HEZ-AW-RCL-A defines a breakaway holder with both lineside and loadside copper crimp terminals for a single 8-16 AWG or two 12-16- AWG wires. Breakaway lineside terminal data Terminal type Conductor data Cu crimp #8-16 #12-16 1 2 • • • • -RLC-A Cu dual setscrew #2-12 2† • • -RYC † Not dual wire rated. One wire per opening. Breakaway loadside terminal data Terminal type Conductor data Cu crimp #8-16 #10-16 1 2 • • • • A Recommended crimping tools: Some of the commercially available crimping tools that can be used with the HEZ fuse holders are listed in the table below. This list is not intended to exclude the use of other crimping tools that can provide similar crimps or indents. HEZ terminal T and B P/N (Die) A WT-111M (Die C) Sta-Kon ERG4002 (Die C) |