データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDF383AS4 データシート(PDF) 4 Page - Shoulder Electronics Limited.

部品番号 HDF383AS4
部品情報  Drop the device randomly onto the concrete floor from the height of 1m 3 times
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHOULDER [Shoulder Electronics Limited.]
ホームページ  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF383AS4 データシート(HTML) 4 Page - Shoulder Electronics Limited.

  HDF383AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAW FILTER
HDF387A
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 7
5. ENVIRONMENTAL CHARACTERISTICS
5-1 High temperature exposure
Subject the device to +85℃ for 16 hours. Then release the filter into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in table 1.
5-2 Low temperature exposure
Subject the device to -20℃ for 16 hours. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in table 1.
5-3 Temperature cycling
Subject the device to a low temperature of -40℃for 30 minutes. Following by a high
temperature of +80℃ for 30 Minutes. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall meet the specifications in table 1.
5-4 Resistance to solder heat
Dip the device terminals no closer than 1.5mm into the solder bath at 260℃ ±10℃ for
10±1 sec. Then release the device into the room conditions for 4 hours. The device shall
meet the specifications in table 1.
5-5 Solderability
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
table 1.
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in table 1.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in table 1.
5-8 Lead fatigue
5-8-1
Pulling test
Weight along with the direction of lead without an shock 1kg. The device shall satisfy all the
initial Characteristics.
5-8-2
Bending test
Lead shall be subject to withstand against 90℃ bending with 450g weight in the direction
of thickness. This operation shall be done toward both direction. The device shall show no
evidence of damage and shall satisfy all the initial electrical characteristics.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com