データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDF383AS4 データシート(PDF) 5 Page - Shoulder Electronics Limited.

部品番号 HDF383AS4
部品情報  Drop the device randomly onto the concrete floor from the height of 1m 3 times
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHOULDER [Shoulder Electronics Limited.]
ホームページ  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF383AS4 データシート(HTML) 5 Page - Shoulder Electronics Limited.

  HDF383AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAW FILTER
HDF387A
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 7
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be solded. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
7.2 Reeling Quantity
1000 pcs/reel
7’’
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com