| データシートサーチシステム |
|
COMMANDEXPERT データシート(PDF) 7 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
COMMANDEXPERT データシート(HTML) 7 Page - Keysight Technologies |
|
7 / 9 page ![]() 07 | Keysight | Command Expert - Data Sheet The Python Add-on is a set of Python functions that let you run Command Expert sequences in Python. The entire sequence can be run in a single line of Python code. The instrument control sequence can be developed in the Command Expert graphical environment that displays full instrument documentation and enables the ability to rapidly find, perform and sequence the instrument commands. The sequence can contain a mix of SCPI, IVI-C and IVI-COM commands. Use with PyVISA in Python. In Keysight VEE, Command Expert is a new add-on that provides a VEE object called the Command Expert Sequence object. Each Command Expert Sequence object contains a sequence of instrument commands. Double-click on the sequence and Command Expert will open up on the screen. Add different parameters and commands then save the sequence. Additional parameters become new terminals to the Command Expert Sequence object once updated in Command Expert. In LabVIEW, Command Expert is a new add-on that provides a LabVIEW Express VI called the Sequence block. Double-click on the sequence block and Command Expert will open up on the screen. Add different parameters and commands then click OK to update the sequence. Sequence parameters become terminals on the Sequence object in LabVIEW. Python Add-On Integration with Graphical Programming Environments |