| データシートサーチシステム |
|
COMMANDEXPERT データシート(PDF) 8 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
COMMANDEXPERT データシート(HTML) 8 Page - Keysight Technologies |
|
8 / 9 page ![]() 08 | Keysight | Command Expert - Data Sheet Command Expert automatically generates SCPI.NET drivers for the instruments that include a SCPI command set. This provides access to all of the instrument SCPI commands in .NET. SCPI.NET drivers provide an efficient way to add instrument control steps without leaving the Visual Studio environment while making use of standard Visual Studio productivity aids such as Intellisense and compile-time type checking. It is even possible to view full documentation for SCPI commands within Visual Studio. In addition, the SCPI.NET drivers perform data translation between native .NET data types and instrument commands and responses. This can be particularly useful with block data commands such as retrieving waveforms. Download Command Expert now at: www.keysight.com/find/commandexpert PC operating requirements for Command Expert 1.6 Operating system Microsoft Windows 7: 32-bit or 64-bit – Editions: Starter, Home Basic, Home Premium, Professional, Ultimate, Enterprise Microsoft Windows 8 or 8.1: 32-bit or 64-bit – Editions: Base, Professional, Enterprise Microsoft Windows 10: 32-bit or 64-bit – Editions: Home, Pro, Enterprise, Education Disk At least 1 GB free disk space Keysight IO Libraries Suite Version 15.0 or above www.keysight.com/find/iosuite Monitor At least 1024x768 monitor resolution Browser Any supported version of Microsoft Internet Explorer The current list of instrument SCPI Command Sets can be found at: www.keysight.com/find/commandsetlist Application development environment requirements for Command Expert MATLAB MATLAB R2009a through R2016a SystemVue SystemVue 2013.07 and above Visual studio Visual studio 2005, 2008, 2010, 2013, or 2015 Python Python 2.5, 2.6, 2.7, 3.2, 3.3, 3.4, or 3.5 (32-bit or 64-bit) Python must be installed for all users (not “just for me”). LabVIEW LabVIEW 8.2.1 through 2015 VEE VEE Pro 9.22 or 9.32 of VEE Pro or VEE Runtime Excel Excel 2007, 2010, 2013, or 2016 Easily Control Instruments in Visual Studio Programs |