データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCM20730 データシート(PDF) 50 Page - Cypress Semiconductor

部品番号 BCM20730
部品情報  Single-Chip Bluetooth Transceiver for Wireless Input Devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730 データシート(HTML) 50 Page - Cypress Semiconductor

Back Button BCM20730 Datasheet HTML 46Page - Cypress Semiconductor BCM20730 Datasheet HTML 47Page - Cypress Semiconductor BCM20730 Datasheet HTML 48Page - Cypress Semiconductor BCM20730 Datasheet HTML 49Page - Cypress Semiconductor BCM20730 Datasheet HTML 50Page - Cypress Semiconductor BCM20730 Datasheet HTML 51Page - Cypress Semiconductor BCM20730 Datasheet HTML 52Page - Cypress Semiconductor BCM20730 Datasheet HTML 53Page - Cypress Semiconductor BCM20730 Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
Timing and AC Characteristics
BROADCOM
September 9, 2013 • 20730-DS108-R
Page 49
®
BCM20730 Data Sheet
BROADCOM CONFIDENTIAL
SPI Timing
The SPI interface supports clock speeds up to 12 MHz with VDDIO ≥ 2.2V. The supported clock speed is 6 MHz
when 2.2V ≥ VDDIO ≥ 1.62V.
Figure 13 shows the timing diagram. SPI timing values for different values of SCLK and VDDM are shown in
Table 19, Table 20 on page 50, Table 21 on page 50, Table 22 on page 51.
Figure 13: SPI Timing Diagram
Table 19: SPI1 Timing Values—SCLK = 12 MHz and VDDM = 3.2Va
a. The SCLK period is based on the limitation of Tds_mi. SCLK is designed for a maximum speed of 12 MHz. The
speed can be adjusted to as low as 400 Hz by configuring the firmware.
Reference Characteristics
Symbol
Min
Typicalb
b. Typical timing based on 20 pF/1 MΩ load and SCLK = 12 MHz.
Max
Unit
1
Output setup time, from MOSI
data valid to sample edge of SCLK
Tds_mo
20
ns
2
Output hold time, from sample
edge of SCLK to MOSI data update
Tdh_mo
63
ns
3
Input setup time, from MISO data
valid to sample edge of SCLK
Tds_mi
TBD
ns
4
Input hold time, from sample
edge of SCLK to MISO data update
Tdh_mi
TBD
ns
5c
c. CS timing is firmware controlled.
Time from CS assert to first SCLK
edge
Tsu_cs
½ SCLK period – 1
ns
6c
Time from first SCLK edge to CS
deassert
Thd_cs
½ SCLK period
ns
MOSI
1
2
3
4
SCLK
Mode 1
MISO
CS
5
Invalid bit
MSB
MSB
LSB
LSB
6
SCLK
Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com