| データシートサーチシステム |
|
UM1900 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1900 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 19 page ![]() UM1900 Hardware description DocID027905 Rev 3 11/19 In addition, J2 must be placed in position 1-2 for on-board microphone acquisition or 2-3 when using an external microphone while J3 must be left open. When acquiring on-board microphones, close SB9 to acquire both of them. 4 microphone acquisition In this case, the PDM line of the third and fourth microphone is also routed to the MCU. Table 3: Solder bridge configuration for 4 microphone acquisition SB Status SB7 Open SB8 Open SB9 Open SB10 Open SB11 Open SB12 Close SB13 Open SB14 Open SB15 Open SB16 Close SB17 Close SB18 Open SB19 Open SB20 Open SB21 Open In addition, J2 and J3 must be placed in position 2-3 for external microphone acquisition. 3.4.2.2 Jumper settings for I²S-plus-SPI-based systems 1 microphone acquisition The I²S peripheral is used directly to give the right clock to the microphone and thus acquires the same microphone. For this use case, you need the following SB configuration. Table 4: Solder bridge configuration for 1 microphone acquisition SB Status SB7 Open SB8 Open SB9 Open SB10 Open SB11 Close SB12 Open SB13 Close SB14 Close SB15 Open |