データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32469VG データシート(PDF) 57 Page - STMicroelectronics

部品番号 STM32469VG
部品情報  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469VG データシート(HTML) 57 Page - STMicroelectronics

Back Button STM32469VG Datasheet HTML 53Page - STMicroelectronics STM32469VG Datasheet HTML 54Page - STMicroelectronics STM32469VG Datasheet HTML 55Page - STMicroelectronics STM32469VG Datasheet HTML 56Page - STMicroelectronics STM32469VG Datasheet HTML 57Page - STMicroelectronics STM32469VG Datasheet HTML 58Page - STMicroelectronics STM32469VG Datasheet HTML 59Page - STMicroelectronics STM32469VG Datasheet HTML 60Page - STMicroelectronics STM32469VG Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 217 page
background image
DocID028196 Rev 3
57/217
STM32F469xx
Pinouts and pin description
82
-
9
F3
G10
E2
16
16
D2
PF0
I/O
FT
I2C2_SDA, FMC_A0,
EVENTOUT
-
-
10
G3
H10
H3
17
17
E2
PF1
I/O
FT
I2C2_SCL, FMC_A1,
EVENTOUT
-
-
11
G5
G12
H2
18
18
G2
PF2
I/O
FT
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
-
-
-
19
E3
PI12
I/O
FT
LCD_HSYNC, EVENTOUT
-
-
-
-
-
-
-
20
G3
PI13
I/O
FT
LCD_VSYNC, EVENTOUT
-
-
-
-
-
-
-
21
H3
PI14
I/O
FT
LCD_CLK, EVENTOUT
-
-
12
H4
H11
J2
19
22
H2
PF3
I/O
FT
(5)
FMC_A3, EVENTOUT
ADC3_IN9
-
13
L4
J10
J3
20
23
J2
PF4
I/O
FT
(5)
FMC_A4, EVENTOUT
ADC3_IN14
-
14
H3
H12
K3
21
24
K3
PF5
I/O
FT
(5)
FMC_A5, EVENTOUT
ADC3_IN15
7
15
G7
J11
G2
22
25
H6
VSS
S
-
-
-
-
8
16
G8
J12
G3
23
26
H5
VDD
S
-
-
-
-
-
-
-
-
K2
24
27
K2
PF6
I/O
FT
(5)
TIM10_CH1, SPI5_NSS,
SAI1_SD_B, UART7_Rx,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_IN4
-
-
-
-
K1
25
28
K1
PF7
I/O
FT
(5)
TIM11_CH1, SPI5_SCK,
SAI1_MCLK_B, UART7_Tx,
QUADSPI_BK1_IO2,
EVENTOUT
ADC3_IN5
-
-
-
-
L3
26
29
L3
PF8
I/O
FT
(5)
SPI5_MISO, SAI1_SCK_B,
TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
ADC3_IN6
-
-
-
-
L2
27
30
L2
PF9
I/O
FT
(5)
SPI5_MOSI, SAI1_FS_B,
TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
ADC3_IN7
-
17
H1
K10
L1
28
31
L1
PF10
I/O
FT
(5)
QUADSPI_CLK,
DCMI_D11, LCD_DE,
EVENTOUT
ADC3_IN8
9
18
G2
K11
G1
29
32
G1
PH0-OSC_IN
(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
10
19
G1
K12
H1
30
33
H1
PH1-OSC_OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
11
20
H2
H9
J1
31
34
J1
NRST
I/O RST
-
12
21
M1
J9
M2
32
35
M2
PC0
I/O
FT
(5)
OTG_HS_ULPI_STP,
FMC_SDNWE, LCD_R5,
EVENTOUT
ADC123_
IN10
Table 10. STM32F469xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More