データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32469VG データシート(PDF) 19 Page - STMicroelectronics

部品番号 STM32469VG
部品情報  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469VG データシート(HTML) 19 Page - STMicroelectronics

Back Button STM32469VG Datasheet HTML 15Page - STMicroelectronics STM32469VG Datasheet HTML 16Page - STMicroelectronics STM32469VG Datasheet HTML 17Page - STMicroelectronics STM32469VG Datasheet HTML 18Page - STMicroelectronics STM32469VG Datasheet HTML 19Page - STMicroelectronics STM32469VG Datasheet HTML 20Page - STMicroelectronics STM32469VG Datasheet HTML 21Page - STMicroelectronics STM32469VG Datasheet HTML 22Page - STMicroelectronics STM32469VG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 217 page
background image
DocID028196 Rev 3
19/217
STM32F469xx
Description
46
1.1.4
TFBGA216 package
Figure 4. TFBGA216 port-to-terminal assignment differences
1. The highlighted pins are substituted with dedicated DSI IO pins on STM32F469xx/479xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More