| データシートサーチシステム |
|
STM32469ZI データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469ZI データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 217 page ![]() Port B PB0 - TIM1_CH2N TIM3_CH3 TIM8_CH2 N -- - - - LCD_R3 OTG_HS _ULPI_D1 ETH_MII_ RXD2 - - LCD_G1 EVENT OUT PB1 - TIM1_CH3N TIM3_CH4 TIM8_CH3 N -- - - - LCD_R6 OTG_HS _ULPI_D2 ETH_MII_ RXD3 -- LCD_G0 EVENT OUT PB2 - - -- - - -- - - - - - - - EVENT OUT PB3 JTDO/T RACES WO TIM2_CH2 -- SPI1_SCK SPI3_SCK/ I2S3_CK -- - - - - - - EVENT OUT PB4 NJTRST - TIM3_CH1 -- SPI1_MISO SPI3_MIS O I2S3ext_S D -- - - - - - EVENT OUT PB5 -- TIM3_CH2 - I2C1_SMBA SPI1_MOSI SPI3_MOS I/I2S3_SD - CAN2_RX OTG_HS _ULPI_D7 ETH_PPS OUT FMC_ SDCKE1 DCMI_D10 LCD_G7 EVENT OUT PB6 -- TIM4_CH1 - I2C1_SCL -- USART1_T X - CAN2_TX QUADSPI _BK1_NC S - FMC_ SDNE1 DCMI_D5 EVENT OUT PB7 -- TIM4_CH2 - I2C1_SDA -- USART1_ RX - - -- FMC_NL DCMI_VS YNC EVENT OUT PB8 -- TIM4_CH3 TIM10_CH 1 I2C1_SCL -- - - CAN1_RX - ETH_MII_ TXD3 SDIO_D4 DCMI_D6 LCD_B6 EVENT OUT PB9 -- TIM4_CH4 TIM11_CH 1 I2C1_SDA SPI2_NSS/I 2S2_WS -- - CAN1_TX -- SDIO_D5 DCMI_D7 LCD_B7 EVENT OUT PB10 - TIM2_CH3 -- I2C2_SCL SPI2_SCK/I 2S2_CK - USART3_T X - QUADSPI_ BK1_NCS OTG_HS _ULPI_D3 ETH_MII_RX_ ER - - LCD_G4 EVENT OUT PB11 - TIM2_CH4 -- I2C2_SDA - USART3_ RX - OTG_HS _ULPI_D4 ETH_MII_TX_ EN/ETH_RMII _TX_EN - DSIHOST_ TE LCD_G5 EVENT OUT PB12 - TIM1_BKIN -- I2C2_SMBA SPI2_NSS/I 2S2_WS - USART3_ CK - CAN2_RX OTG_HS _ULPI_D5 ETH_MII_TXD 0/ETH_RMII_T XD0 OTG_HS_ ID -- EVENT OUT PB13 - TIM1_CH1N -- - SPI2_SCK/I 2S2_CK - USART3_ CTS - CAN2_TX OTG_HS _ULPI_D6 ETH_MII_TXD 1/ETH_RMII_T XD1 -- - EVENT OUT PB14 - TIM1_CH2N - TIM8_CH2 N - SPI2_MISO I2S2ext_S D USART3_ RTS - TIM12_CH1 -- OTG_HS_ ‘DM -- EVENT OUT PB15 RTC_RE FIN TIM1_CH3N - TIM8_CH3 N - SPI2_MOSI /I2S2_SD -- - TIM12_CH2 -- OTG_HS_ DP -- EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/ UART 4/5/7/ 8 CAN1/2/ TIM12/ 13/14/ QUAD SPI/LCD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/ SDIO/ OTG2_ FS DCMI/ DSI HOST LCD SYS |