| データシートサーチシステム |
|
STM32469ZI データシート(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469ZI データシート(HTML) 82 Page - STMicroelectronics |
|
82 / 217 page ![]() Port J PJ0 - - - - - - - - - LCD_R7 - - - - LCD_R1 EVENT OUT PJ1 - - - - - - - - - - - - - - LCD_R2 EVENT OUT PJ2 - - - - - - - - - - - - - DSIHOST _TE LCD_R3 EVENT OUT PJ3 - - - - - - - - - - - - - - LCD_R4 EVENT OUT PJ4 - - - - - - - - - - - - - - LCD_R5 EVENT OUT PJ5 - - - - - - - - - - - - - - LCD_R6 EVENT OUT PJ12 - - - - - - - - - LCD_G3 - - - - LCD_B0 EVENT OUT PJ13 - - - - - - - - - LCD_G4 - - - - LCD_B1 EVENT OUT PJ14 - - - - - - - - - - - - - - LCD_B2 EVENT OUT PJ15 - - - - - - - - - - - - - - LCD_B3 EVENT OUT Port K PK3 - - - - - - - - - - - - - - LCD_B4 EVENT OUT PK4 - - - - - - - - - - - - - - LCD_B5 EVENT OUT PK5 - - - - - - - - - - - - - - LCD_B6 EVENT OUT PK6 - - - - - - - - - - - - - - LCD_B7 EVENT OUT PK7 - - - - - - - - - - - - - - LCD_DE EVENT OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/ UART 4/5/7/ 8 CAN1/2/ TIM12/ 13/14/ QUAD SPI/LCD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/ SDIO/ OTG2_ FS DCMI/ DSI HOST LCD SYS |