| データシートサーチシステム |
|
STM32469ZI データシート(PDF) 178 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469ZI データシート(HTML) 178 Page - STMicroelectronics |
|
178 / 217 page ![]() Electrical characteristics STM32F469xx 178/217 DocID028196 Rev 3 NAND controller waveforms and timings Figures 67 through 70 represent synchronous waveforms, and Table 100 and Table 101 provide the corresponding timings. The results shown in this table are obtained with the following FMC configuration: • COM.FMC_SetupTime = 0x01; • COM.FMC_WaitSetupTime = 0x03; • COM.FMC_HoldSetupTime = 0x02; • COM.FMC_HiZSetupTime = 0x01; • ATT.FMC_SetupTime = 0x01; • ATT.FMC_WaitSetupTime = 0x03; • ATT.FMC_HoldSetupTime = 0x02; • ATT.FMC_HiZSetupTime = 0x01; • Bank = FMC_Bank_NAND; • MemoryDataWidth = FMC_MemoryDataWidth_16b; • ECC = FMC_ECC_Enable; • ECCPageSize = FMC_ECCPageSize_512Bytes; • TCLRSetupTime = 0; • TARSetupTime = 0; • Capacitive load CL = 30 pF. In all timing tables, the THCLK is the HCLK clock period. Figure 67. NAND controller waveforms for read access |