| データシートサーチシステム |
|
STM32F746ZG データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZG データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 227 page ![]() DocID027590 Rev 4 53/227 STM32F745xx STM32F746xx Pinouts and pin description 88 Table 9. Legend/abbreviations used in the pinout table Name Abbreviation Definition Pin name Unless otherwise specified in brackets below the pin name, the pin function during and after reset is the same as the actual pin name Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O TTa 3.3 V tolerant I/O directly connected to ADC B Dedicated BOOT pin RST Bidirectional reset pin with weak pull-up resistor Notes Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 10. STM32F745xx and STM32F746xx pin and ball definition Pin Number Pin name (function after reset)(1) Alternate functions Additional functions 1 A3 D8 1 A2 1 1 A3 PE2 I/O FT - TRACECLK, SPI4_SCK, SAI1_MCLK_A, QUADSPI_BK1_IO2, ETH_MII_TXD3, FMC_A23, EVENTOUT - 2 B3 C10 2 A1 2 2 A2 PE3 I/O FT - TRACED0, SAI1_SD_B, FMC_A19, EVENTOUT - 3 C3 B11 3 B1 3 3 A1 PE4 I/O FT - TRACED1, SPI4_NSS, SAI1_FS_A, FMC_A20, DCMI_D4, LCD_B0, EVENTOUT - |