| データシートサーチシステム |
|
STM32F746ZG データシート(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZG データシート(HTML) 55 Page - STMicroelectronics |
|
55 / 227 page ![]() DocID027590 Rev 4 55/227 STM32F745xx STM32F746xx Pinouts and pin description 88 - - - - E4 13 13 F3 PI11 I/O FT - OTG_HS_ULPI_DIR, EVENTOUT WKUP6 - - E7 - F2 14 14 F2 VSS S - - - - - - E10 - F3 15 15 F4 VDD S - - - - - - F11 10 E216 16D2 PF0 I/O FT - I2C2_SDA, FMC_A0, EVENTOUT - - - E9 11 H3 17 17 E2 PF1 I/O FT - I2C2_SCL, FMC_A1, EVENTOUT - - - F10 12 H218 18G2 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - - - - - - - 19 E3 PI12 I/O FT - LCD_HSYNC, EVENTOUT - - - - - - - 20 G3 PI13 I/O FT - LCD_VSYNC, EVENTOUT - - - - - - - 21 H3 PI14 I/O FT - LCD_CLK, EVENTOUT - - - G11 13 J2 19 22 H2 PF3 I/O FT - FMC_A3, EVENTOUT ADC3_IN9 - - F9 14 J3 20 23 J2 PF4 I/O FT - FMC_A4, EVENTOUT ADC3_IN14 - - F8 15 K3 21 24 K3 PF5 I/O FT - FMC_A5, EVENTOUT ADC3_IN15 10 C2 H7 16 G2 22 25 H6 VSS S - - - - 11 D2 - 17G323 26 H5 VDD S - - - - -- G10 18 K2 24 27 K2 PF6 I/O FT - TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_Rx, QUADSPI_BK1_IO3, EVENTOUT ADC3_IN4 - - F7 19 K1 25 28 K1 PF7 I/O FT - TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_Tx, QUADSPI_BK1_IO2, EVENTOUT ADC3_IN5 Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |