| データシートサーチシステム |
|
STM32L071xZ データシート(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071xZ データシート(HTML) 81 Page - STMicroelectronics |
|
81 / 136 page ![]() DocID027101 Rev 3 81/136 STM32L071xx Electrical characteristics 107 IDD(MSI)(2) MSI oscillator power consumption MSI range 0 0.75 - µA MSI range 1 1 - MSI range 2 1.5 - MSI range 3 2.5 - MSI range 4 4.5 - MSI range 5 8 - MSI range 6 15 - tSU(MSI) MSI oscillator startup time MSI range 0 30 - µs MSI range 1 20 - MSI range 2 15 - MSI range 3 10 - MSI range 4 6 - MSI range 5 5 - MSI range 6, Voltage range 1 and 2 3.5 - MSI range 6, Voltage range 3 5- tSTAB(MSI)(2) MSI oscillator stabilization time MSI range 0 - 40 µs MSI range 1 - 20 MSI range 2 - 10 MSI range 3 - 4 MSI range 4 - 2.5 MSI range 5 - 2 MSI range 6, Voltage range 1 and 2 -2 MSI range 3, Voltage range 3 -3 fOVER(MSI) MSI oscillator frequency overshoot Any range to range 5 -4 MHz Any range to range 6 -6 1. This is a deviation for an individual part, once the initial frequency has been measured. 2. Guaranteed by characterization results. Table 48. MSI oscillator characteristics (continued) Symbol Parameter Condition Typ Max Unit |