データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L071xZ データシート(PDF) 40 Page - STMicroelectronics

部品番号 STM32L071xZ
部品情報  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071xZ データシート(HTML) 40 Page - STMicroelectronics

Back Button STM32L071xZ Datasheet HTML 36Page - STMicroelectronics STM32L071xZ Datasheet HTML 37Page - STMicroelectronics STM32L071xZ Datasheet HTML 38Page - STMicroelectronics STM32L071xZ Datasheet HTML 39Page - STMicroelectronics STM32L071xZ Datasheet HTML 40Page - STMicroelectronics STM32L071xZ Datasheet HTML 41Page - STMicroelectronics STM32L071xZ Datasheet HTML 42Page - STMicroelectronics STM32L071xZ Datasheet HTML 43Page - STMicroelectronics STM32L071xZ Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
Pin descriptions
STM32L071xx
40/136
DocID027101 Rev 3
--
-
11
-
-
18
K2
PC3
I/O FT
-
LPTIM1_ETR,
SPI2_MOSI/I2S2_SD
ADC_IN13
-
4
8
12
F1
-
19
J1
VSSA
S
-
-
-
-
-
---
-
20
K1
VREF-
S
-
-
-
-
-
-
-
G1 E6 21
L1
VREF+
S
-
-
-
5
5
9
13 H1 F7 22 M1
VDDA
S
-
-
-
6
6
10
14 G2 E5 23
L2
PA0
I/O TTa
-
TIM2_CH1,
USART2_CTS,
TIM2_ETR,
USART4_TX,
COMP1_OUT
COMP1_INM,
ADC_IN0,
RTC_TAMP2/WKUP1
7
7
11
15 H2 E4 24 M2
PA1
I/O FT
-
EVENTOUT,
TIM2_CH2,
USART2_RTS_DE,
TIM21_ETR,
USART4_RX
COMP1_INP,
ADC_IN1
8
8
12
16
F3 F6 25
K3
PA2
I/O FT
-
TIM21_CH1,
TIM2_CH3,
USART2_TX,
LPUART1_TX,
COMP2_OUT
COMP2_INM,
ADC_IN2
9
9
13
17 G3 G7 26
L3
PA3
I/O FT
-
TIM21_CH2,
TIM2_CH4,
USART2_RX,
LPUART1_RX
COMP2_INP,
ADC_IN3
-
-
-
18 C2
-
27 D3
VSS
S
-
-
-
-
--
-
19 D2
-
28 H3
VDD
S
-
-
-
-
10 10 14
20 H3 F5 29 M3
PA4
I/O TC
-
SPI1_NSS,
USART2_CK,
TIM22_ETR
COMP1_INM,
COMP2_INM,
ADC_IN4
11 11 15
21
F4 G6 30
K4
PA5
I/O TC
-
SPI1_SCK, TIM2_ETR,
TIM2_CH1
COMP1_INM,
COMP2_INM,
ADC_IN5
Table 15. STM32L071xxx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More