データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER013HS データシート(PDF) 24 Page - STMicroelectronics

部品番号 VIPER013HS
部品情報  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HS データシート(HTML) 24 Page - STMicroelectronics

Back Button VIPER013HS Datasheet HTML 20Page - STMicroelectronics VIPER013HS Datasheet HTML 21Page - STMicroelectronics VIPER013HS Datasheet HTML 22Page - STMicroelectronics VIPER013HS Datasheet HTML 23Page - STMicroelectronics VIPER013HS Datasheet HTML 24Page - STMicroelectronics VIPER013HS Datasheet HTML 25Page - STMicroelectronics VIPER013HS Datasheet HTML 26Page - STMicroelectronics VIPER013HS Datasheet HTML 27Page - STMicroelectronics VIPER013HS Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
General description
VIPer01
24/36
DocID028751 Rev 1
Figure 31: Connection for output overvoltage protection (non-isolated topologies)
If VOVP is the desired input/output overvoltage threshold, the resistors RH and RL of the
voltage divider are to be selected according to the following formula:
The power dissipation associated to the DIS network is:
in case of connection for the input overvoltage detection and
in case of connection for the output overvoltage detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36