| データシートサーチシステム |
|
VIPER013HS データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER013HS データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 36 page ![]() VIPer01 General description DocID028751 Rev 1 25/36 4.15 Thermal shutdown If the junction temperature becomes higher than the internal threshold TSD (160 °C, typ.), the PWM is disabled. After tRESTART time, a single switching cycle is performed, during which the temperature sensor embedded in the power MOSFET section is checked. If a junction temperature above TSD is still measured, the PWM is maintained disabled for tRESTART time, otherwise it resumes switching with soft-start phase. During tRESTART VCC is maintained between VCSon and VCCon levels by the HV current source periodical activation. Such a behavior is summarized in below figure: Figure 32: Thermal shutdown timing diagram |