データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9921 データシート(PDF) 12 Page - Microchip Technology

部品番号 HV9921
部品情報  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9921 データシート(HTML) 12 Page - Microchip Technology

Back Button HV9921 Datasheet HTML 8Page - Microchip Technology HV9921 Datasheet HTML 9Page - Microchip Technology HV9921 Datasheet HTML 10Page - Microchip Technology HV9921 Datasheet HTML 11Page - Microchip Technology HV9921 Datasheet HTML 12Page - Microchip Technology HV9921 Datasheet HTML 13Page - Microchip Technology HV9921 Datasheet HTML 14Page - Microchip Technology HV9921 Datasheet HTML 15Page - Microchip Technology HV9921 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
HV9921/HV9922/HV9923
DS20005311A-page 12
 2014 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
3-lead TO-92
YWWNNN
XXXXXX
XXXX e3
Example
YWWNNN
HV9921
N3 e3
3-lead TO-243AA*
(SOT-89)
Example
XXXYYWW
NNN
H21YYWW
NNN
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
may not include the corporate logo.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19