データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV9921 データシート(PDF) 13 Page - Microchip Technology

部品番号 HV9921
部品情報  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9921 データシート(HTML) 13 Page - Microchip Technology

Back Button HV9921 Datasheet HTML 9Page - Microchip Technology HV9921 Datasheet HTML 10Page - Microchip Technology HV9921 Datasheet HTML 11Page - Microchip Technology HV9921 Datasheet HTML 12Page - Microchip Technology HV9921 Datasheet HTML 13Page - Microchip Technology HV9921 Datasheet HTML 14Page - Microchip Technology HV9921 Datasheet HTML 15Page - Microchip Technology HV9921 Datasheet HTML 16Page - Microchip Technology HV9921 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 13
HV9921/HV9922/HV9923
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.00
†
1.50
BSC
3.00
BSC
3.94
0.73
†
NOM
--------
--
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
† This dimension differs from the JEDEC drawing
Drawings not to scale.
b
b1
D
D1
E H
E1
C
A
12
3
e
e1
Top View
Side View
L
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19